Part Number Hot Search : 
DA0844 FM201 1035CT 1E106 32X920 ADC0804C AT45D 2N3420
Product Description
Full Text Search
 

To Download UHD1C102MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors hd series high ripple low impedance lower impedance at high frequency range. smaller case size and high ripple current. compliant to the rohs directive (2011/65/eu). specifications hd approved by reliability center for electronic component, japan-certification no. rcj-03-23c dimension table in next page. please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. radial lead type type numbering system (example : 10v 3300 f) u 1 h 2 d 3 1 4 a 5 3 6 3 7 2 8 m 9 h 10 d 11 12 15 min 4 min (mm) d p d 10 5.0 0.6 5 2.0 0.5 12.5 5.0 16 7.5 0.6 0.8 6.3 2.5 0.5 0.6 8 3.5 size code configuration series name type pressure relief vent d (6.3up) d + 0.5 max. l + max. capacitance tolerance ( 20%) rated capacitance (3300f) rated voltage (10v) in case l > 25 for the 12.5 dia. unit, lead dia. d = 0.8mm. (l < 20) 1.5 (l 20) 2.0 d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 16 hd configuration sleeve ( p. e . t. ) p 0.5 performance characteristics ltem 0.22 0.19 0.16 0.14 0.12 0.10 category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance marking 40 to +105?c 6.3 to 50v 22 to 6800 f 20% at 120hz, 20?c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 ( a), whichever is greater. rated voltage (v) rated voltage (v) tan (max.) for capacitance of more than 1000f, add 0.02 for every increase of 1000f. z 25?c / z+20?c z 40?c / z+20?c impedance ratio zt / z20 (max.) 6 . 31 01 62 53 55 0 222222 333333 6 . 31 01 62 53 55 0 printed with white color letter on black sleeve. 120hz 20?c 120hz hv smaller ? please refer to page 20 about the end seal configuration. capacitance change leakage current the specifications listed at right shall be met when the capacitors are restored to 20?c after d.c. bias plus rated ripple current is applied for 5000 hours (2000 hours for d=5 and 6.3, 3000 hours for d=8, 4000 hours for d=10), at 105?c, the peak voltage shall not exceed the rated voltage. tan within 25% of the initial capacitance value less than or equal to the initial specified value 200% or less than the initial specified value cat.8100c
hd series aluminum electrolytic capacitors : in this case, will be put at 12th digit of type numbering system. 6 standard ratings 100 150 220 330 470 560 680 820 1000 1200 1500 2200 3300 3900 4700 5600 6800 101 151 221 331 471 561 681 821 102 122 152 222 332 392 472 562 682 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 25 12.5 31.5 12.5 35.5 16 20 16 25 0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.015 0.018 0.016 1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.039 0.045 0.043 250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3400 3140 3460 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.018 0.015 0.016 1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.045 0.039 0.043 250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3140 3400 3460 cap.(f) v (code) 6.3 (0j) case size d l (mm) impedance (? ) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz 10 (1a) case size d l (mm) impedance (?) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz item code 47 56 100 120 220 330 470 680 820 1000 1200 1500 1800 2200 2700 3300 3900 470 560 101 121 221 331 471 681 821 102 122 152 182 222 272 332 392 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.018 0.015 0.016 1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.045 0.039 0.043 250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3140 3400 3460 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.018 0.015 0.016 1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.045 0.039 0.043 250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3140 3400 3460 cap. (f) v (code) 16 (1c) case size d l (mm) impedance (?) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz 25 (1e) case size d l (mm) impedance (? ) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz item code cat.8100c
hd series aluminum electrolytic capacitors : in this case, will be put at 12th digit of type numbering system. 6 standard ratings 22 33 56 100 120 150 180 220 270 330 470 560 680 820 1000 1200 1500 1800 220 330 560 101 121 151 181 221 271 331 471 561 681 821 102 122 152 182 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 25 12.5 31.5 16 20 12.5 35.5 16 25 0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.018 0.015 0.016 1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.045 0.039 0.043 250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3140 3400 3460 5 11 6.3 11 8 11.5 8 15 10 12.5 8 20 10 16 10 20 10 25 12.5 20 12.5 25 12.5 31.5 12.5 35.5 16 20 16 25 0.34 0.14 0.074 0.061 0.061 0.046 0.042 0.030 0.028 0.027 0.023 0.021 0.019 0.023 0.021 1.18 0.50 0.22 0.18 0.18 0.14 0.12 0.090 0.085 0.068 0.059 0.052 0.051 0.059 0.056 238 385 724 950 979 1190 1370 1580 1870 2050 2410 2860 2960 2730 3010 cap.(f) v (code) 35 (1v) case size d l (mm) impedance (?) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz 50 (1h) case size d l (mm) impedance ( ?) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz item code 50hz 120hz 1khz 10khz 100khz or more 0.75 0.85 0.90 0.95 0.90 0.95 0.98 1.00 cap. (f) frequency 1.00 1.00 1.00 1.00 frequency coefficient of rated ripple current 22 to 33 47 to 330 470 to 1000 1200 to 6800 0.55 0.70 0.75 0.80 0.45 0.60 0.65 0.75 cat.8100c


▲Up To Search▲   

 
Price & Availability of UHD1C102MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X